PART |
Description |
Maker |
B45197AA4226206 B45197AA4226209 B45198RA4226206 B4 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 1000 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 15 uF, SURFACE MOUNT CHIP Tantalum Chip Capacitors
|
KEMET, Corp. EPCOS[EPCOS]
|
B45196H0158K506 B45196H1108K506 B45196H0108K506 B4 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1500 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 1000 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 4 V, 1000 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT CAPACITOR, TANTALUM, SOLID, POLARIZED, 6.3 V, 1500 uF, SURFACE MOUNT, 2916 CHIP, ROHS COMPLIANT Tantalum Chip Capacitors Standard / HighCap
|
KEMET, Corp. Kemet Corporation
|
TAZG336K010CRST0823 TAZG336K010CRST0824 TAZG336K01 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 33 uF, SURFACE MOUNT, 2711 CHIP CAP 15UF 25V 10% TANT SMD-7238-28 WAFFLE-PAK C-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 15 uF, SURFACE MOUNT, 2915 CAP 3.3UF 10V 10% TANT SMD-5013-13 TR-7 B-MIL-PRF-5365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 3.3 uF, SURFACE MOUNT, 2005 CAP 3.3UF 20V 10% TANT SMD-5025-13 TR-7 B-MIL-PRF-55365/4 CAPACITOR, TANTALUM, SOLID, POLARIZED, 20 V, 3.3 uF, SURFACE MOUNT, 2010 CAP 4.7UF 50V 10% TANT SMD-.285X.150 TR-7-PL B-FAILURE CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 4.7 uF, SURFACE MOUNT, 2915
|
AVX, Corp.
|
TAJB106K016YNJ TAJC226K025Y |
CAP 10UF 16V 10% TANT SMD-3528-21 TR CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT CAPACITOR, TANTALUM, SOLID, POLARIZED, 25 V, 22 uF, SURFACE MOUNT CHIP, ROHS COMPLIANT
|
AVX, Corp.
|
T86D476K016ESSL T86C106K016ESSL |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT, 2917, CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 16 V, 10 uF, SURFACE MOUNT, 2412, CHIP
|
Vishay Sprague
|
TPSE227K10R60 TPSB156K10R600 TPSB156M10R600 TPSB68 |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 220 uF, SURFACE MOUNT, 2917 CHIP, LEAD FREE CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 15 uF, SURFACE MOUNT, 1411 CHIP, LEAD FREE CAPACITOR, TANTALUM, SOLID, POLARIZED, 10 V, 68 uF, SURFACE MOUNT, 1411 CHIP, LEAD FREE
|
AVX, Corp.
|
CTTCCD451K010T CTTCCD451K050T CTTCCD451K2R5T CTTCC |
Chip Tantalum Capacitor
|
Central Technologies
|
MAX6607 MAX6607IXK-T MAX6607-MAX6608 MAX6608 MAX66 |
Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:20VDC; Capacitor Dielectric Material:Tantalum; Capacitance:18uF; Capacitance Tolerance: 10%; Lead Pitch:3.17mm; Leaded Process Compatible:No RoHS Compliant: No 低电压、模拟温度传感器,SC70及SOT23封装 Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:6VDC; Capacitor Dielectric Material:Tantalum; Capacitance:180uF; Capacitance Tolerance: 10%; Lead Pitch:6.35mm; Leaded Process Compatible:No RoHS Compliant: No Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
|
温度/湿度传感 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TS20 |
CHIP TANTALUM CAPACITOR - SMD
|
Suntan Capacitors
|
G615B G61XB G618B G611B G619B |
MULTI-ELEMENT LED LIGHT SOURCE T-1, (3-mm) Round, PCB Mount, Right Anle Array, G61XB Series Tantalum Molded Capacitor; Capacitance: 68uF; Voltage: 4V; Case Size: 2.8x1.9 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 2.5V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 220uF; Voltage: 4V; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 4V; Case Size: 1.6x3.2 mm; Packaging: Tape & Reel
|
List of Unclassifed Manufacturers ETC[ETC] Instrument Design Engineering Associates N.A. Electronic Theatre Controls, Inc.
|
TBJA104J050CRS0723 TBJA104K035CRS0745 TBJA104J050C |
CAPACITOR, TANTALUM, SOLID, POLARIZED, 50 V, 0.1 uF, SURFACE MOUNT CHIP CAPACITOR, TANTALUM, SOLID, POLARIZED, 35 V, 0.1 uF, SURFACE MOUNT CHIP
|
AVX, Corp.
|
|